PART |
Description |
Maker |
90130-3326 90130-3238 90130-3138 90130-3350 90130- |
C-Grid Shrd Hdr DR RA Au-F 26/26 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-E 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Tn-A 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 50/50 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.100 Pitch,R ANGLE PC TAIL Terminal,LOCKING MECH 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HDR 10 P RT ANG DUAL SHRD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 18/18 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
|